PART |
Description |
Maker |
MIW124X MIW123X |
(MIW1200 Series) 2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
|
Total Power International
|
MIW4027 |
5-6 Watts 4 : 1 Wide Input Range DC/DC Converters Single and Dual Outputs 5-6宽输入范围DC / DC转换器单路和双路输出
|
Minmax Technology Co., Ltd.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
BY298 BY299 BY296 |
RP40 (GW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 12V; 4:1 Wide Input Voltage Range; 40 Watts CAP.CER, 22NF, 50V, 10%, X7R, 0805 技术规格快速恢复整
|
DC Components Co., Ltd.
|
BU426 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 20 Watts HIGH VOLTAGE POWER SWITCH
|
意法半导 ST Microelectronics STMicroelectronics
|
BY268 BY269 |
RP40 (GW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 4:1 Wide Input Voltage Range; 40 Watts 0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER
|
Diodes Inc. DIODES[Diodes Incorporated]
|
BUZ80 C67078-S1309-A2 |
RP30 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 3.3V; 4:1 Wide Input Voltage Range; 30 Watts SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BSS84 BSS84-NL |
?.13A, ?0V. RDS(ON) = 10Ω @ VGS = ? V RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; 4:1 Wide Input Voltage Range; 10 Watts P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor Corporation
|
BSS98 Q62702-S635 Q62702-S053 Q62702-S517 SIEMENSA |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; 4:1 Wide Input Voltage Range; 10 Watts SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BYD47 BYD47-18 BYD47-20 BYD47-16 BYD47_SERIES_3 BY |
From old datasheet system RP40 (GW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 12V; 4:1 Wide Input Voltage Range; 40 Watts 800 mA standalone linear Li-Ion battery charger with thermal regulation 快速软恢复控制雪崩整流 Fast soft-recovery controlled avalanche rectifiers 0.34 A, 1600 V, SILICON, SIGNAL DIODE
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V. Fairchild Semiconductor, Corp.
|
LTC2321-12 LTC2321-16 LTC2321-14 LTC2311-16 LTC231 |
16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|